công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MSP432P411VIPZR bảng dữ liệu(PDF) 100 Page - Texas Instruments

tên linh kiện MSP432P411VIPZR
Giải thích chi tiết về linh kiện  SimpleLink Mixed-Signal Microcontrollers
PDF  212 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

MSP432P411VIPZR bảng dữ liệu(HTML) 100 Page - Texas Instruments

Back Button MSP432P411VIPZR Datasheet HTML 96Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 97Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 98Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 99Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 100Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 101Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 102Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 103Page - Texas Instruments MSP432P411VIPZR Datasheet HTML 104Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 212 page
background image
SRAM Region
0x2000_0000
0x2010_0000
Reserved
0x2400_0000
SRAM
Bit-Band Alias
Region
Reserved
0x3FFF_FFFF
0x2200_0000
100
MSP432P4111, MSP432P4011, MSP432P411Y
MSP432P401Y, MSP432P411V, MSP432P401V
SLASEA0A – DECEMBER 2017 – REVISED FEBRUARY 2018
www.ti.com
Submit Documentation Feedback
Product Folder Links: MSP432P4111 MSP432P4011 MSP432P411Y MSP432P401Y MSP432P411V MSP432P401V
Detailed Description
Copyright © 2017–2018, Texas Instruments Incorporated
Figure 6-3. SRAM Zone Memory Map
6.3.2.1
SRAM Region
The 1-MB region from 0x2000_0000 to 0x200F_FFFF is defined as the SRAM region. The SRAM
accessible in this region is also aliased in the Code zone of the device, thereby allowing efficient access to
the SRAM, both for instruction fetches and data reads. See Section 6.4.2 for details about the SRAM.
6.3.2.2
SRAM Bit-Band Alias Region
The 32-MB region from 0x2200_0000 to 0x23FF_FFFF forms the bit-band alias region for the 1-MB
SRAM region. Bit-banding is a feature of the Cortex-M4 processor and allows the application to set or
clear individual bits throughout the SRAM space without using the pipeline bandwidth of the processor to
carry out an exclusive read-modify-write sequence.
6.3.3
Peripheral Zone Memory Map
The Peripheral zone of the device is in the address range of 0x4000_0000 to 0x5FFF_FFFF. This is
further divided as shown in Figure 6-4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More