| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM8899N bảng dữ liệu(PDF) 5 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM8899N bảng dữ liệu(HTML) 5 Page - National Semiconductor (TI) |
|
5 / 8 page ![]() Function Tables BCD-to-Binary Converter BCD Inputs Outputs Words (See Note A) (See Note B) E D C B AGY5Y4Y3Y2Y1 0 1 LLLLL L L L L L L 2 3 LLLL H L L L L L H 4 5 L L LHL L L L L H L 67 L L L H H L L L L H H 89 L L H L L L L L H L L 10 11 L H L L L L L L H L H 12 13 L H L L H L L L H H L 14 15 LHLHL L L L H H H 16 17 L H L H H L L H L L L 18 19 L H H L L L L H L L H 20 21 H L L L L L L H L H L 22 23 H L L L H L L H L H H 24 25 HL LHL L L H H L L 26 27 H L L H H L LH HLH 28 29 H L H L L L L H H H L 30 31 H H L L L L L H H H H 32 33 H H L L H L H L L L L 34 35 H H L H L L H L L L H 36 37 H H L H H L HL LHL 38 39 H H H L L L H L L H H Any XXXXX H Z Z Z Z Z BCD 9’s or BCD 10’s Complement Converter BCD Inputs Outputs Word (See Note C) (See Note D) E D C B AGY8Y7Y6 0 L LLLL L H L H 1 L LLL H L H L L 2 L L LHL L L H H 3 L L L H H L LHL 4 L LHL L L L H H 5 L LHLH L L H L 6 L LH HL L L L H 7 L L HHH L L L L 8 L H LLL L L L H 9 L HL LH L L L L 0 H LLLL L L L L 1 H LLL H L H L L 2 H L LHL L H L L 3H L L H H L L H H 4 H LHL L L L H H 5 H LHLH L L H L 6 H LH HL L L H L 7 H L HHH L L L H 8 H H LLL L L L H 9 H HL LH L L L L Any X XXXX H Z Z Z H e High Level L e Low Level Z e High Impedance Note A Input conditions other than those shown produce highs at outputs Y1 through Y5 Note B Outputs Y6 Y7 and Y8 are not used for BCD-to-binary conversion Note C Input conditions other than those shown produce highs at outputs Y6 Y7 and Y8 Note D Outputs Y1 through Y5 are not used for BCD 9’s or BCD 10’s complement conversion When these devices are used as complement converters input E is used as a mode control With this input low the BCD 9’s complement is generated when it is high the BCD 10’s complement is generated 6-Bit Converter TLF6593 – 2 BCD 9’s Complement Converter TLF6593 – 3 BCD 10’s Complement Converter TLF6593 – 4 5 |