| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
DM8898 bảng dữ liệu(PDF) 6 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DM8898 bảng dữ liệu(HTML) 6 Page - National Semiconductor (TI) |
|
6 / 8 page ![]() Function Tables (Continued) Binary Inputs Outputs Words Binary Select Enable E D C B A G Y8Y7Y6Y5Y4Y3Y2Y1 0 1 L L L L L L H H LLLLLL 2 3 L L L L H L H H LLLLL H 4 5 L L L H L L H HL L L LHL 6 7 L L L H H L H H LLLL H H 8 9 L L H L L L H H L L LHL L 10 11 L L H L H L H H L L H L L L 12 13 L L H H L L H H L LHL LH 14 15 L L H H H L H H L LHLHL 16 17 L H L L L L H HL LHLH H 18 19 L H L L H L H HL LH HL L 20 21 L H L H L L H H L H LLLL 22 23 L H L H H L H H L H L L L H 24 25 L H H L L L H HLHL LHL 26 27 L H H L H L H HLHL LH H 28 29 L H H H L L H HLHLHL L 30 31 L H H H H L H H L H H L L L 32 33 H L L L L L H HLH HL LH 34 35 H L L L H L H HLH HLHL 36 37 H L L H L L H HLH HLH H 38 39 H L L H H L H H L H H H L L 40 41 H L H L L L H H H LLLLL 42 43 H L H L H L H H H LLLL H 44 45 HLH HL L H H H L L L H L 46 47 H L H H H L HHH L L L HH 48 49 H H L L L L H H H L L H L L 50 51 H H L L H L H H H L H L L L 52 53 H H L H L L H H HLHL LH 54 55 H H L H H L H H HLHLHL 56 57 H H H L L L H H HLHLH H 58 59 H H H L H L H H HLH HL L 60 61 H H H H L L HHHH LLLL 62 63 H H H H H L HHHH L L L H All X X X X X H ZZZZZZZZ H e High Level L e Low Level X e Don’t Care Z e High Impedance 6-Bit Converter TLF6593 – 5 6 |