| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CS6422-CS bảng dữ liệu(PDF) 28 Page - Cirrus Logic |
|
|
|||||||||||||||||||||||||||||
CS6422-CS bảng dữ liệu(HTML) 28 Page - Cirrus Logic |
|
28 / 48 page ![]() CS6422 28 3.8.6 AECD - ACOUSTIC ECHO CANCELLER DISABLE Setting this bit to a ‘1’ disables the Acoustic Echo Canceller. The AEC is removed from the signal path and is not considered in the half/full-duplex decision making process. 3.8.7 NECD - NETWORK ECHO CANCELLER DISABLE Setting this bit to a ‘1’ disables the Network Echo Canceller. The NEC is removed from the signal path and is not considered in the half/full-duplex decision making process. 3.8.8 ASDT - ACOUSTIC SIDETONE LEVEL This control allows the introduction of a linear coupling path for the AEC to train on. The real acoustic path is superimposed on this path and both are cancelled by the AEC. The use of an acoustic sidetone is beneficial in environments where the real acoustic path may be highly variable, faint, or distorted, such as in hands-free automotive applications. This control is usu- ally set to ‘none’. 3.8.9 NSDT - NETWORK SIDETONE LEVEL This control allows the introduction of a linear coupling path for the NEC to train on. The real network path is superimposed on this path and both are cancelled by the NEC. The use of a network sidetone is beneficial in environments where the real network path is faint or distorted. This control is usually set to ‘none’. CS6422 28 DS295F1 |