| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2113WU2 bảng dữ liệu(PDF) 5 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2113WU2 bảng dữ liệu(HTML) 5 Page - NXP Semiconductors |
|
5 / 72 page ![]() 2001 Dec 19 5 Philips Semiconductors Product specification LCD controllers/drivers PCF2113x 5 BLOCK DIAGRAM handbook, full pagewidth MGE990 CURSOR AND DATA CONTROL SHIFT REGISTER 5 × 12 BIT DATA LATCHES COLUMN DRIVERS 60 5 60 CHARACTER GENERATOR RAM (128 × 5) (CGRAM) 16 CHARACTERS CHARACTER GENERATOR ROM (CGROM) 240 CHARACTERS DISPLAY DATA RAM (DDRAM) 80 CHARACTERS/BYTES ADDRESS COUNTER (AC) INSTRUCTION DECODER INSTRUCTION REGISTER(IR) ROW DRIVERS SHIFT REGISTER 18-BIT BIAS VOLTAGE GENERATOR VLCD GENERATOR VLCDSENSE BUSY FLAG DATA REGISTER (DR) I/O BUFFER OSCILLATOR TIMING GENERATOR DISPLAY ADDRESS COUNTER POWER-ON RESET VDD1 VLCD2 VSS1 T1 VLCD1 VSS2 T2 T3 VDD2 VDD3 C1 to C60 R1 to R18 OSC PD PCF2113x DB0 to DB3/SA0 DB4 to DB7 E R/W RS SCL SDA 18 18 60 5 7 7 7 8 7 7 8 8 8 Fig.1 Block diagram. |