| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CEC1702 bảng dữ liệu(PDF) 28 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
CEC1702 bảng dữ liệu(HTML) 28 Page - Microchip Technology |
|
28 / 30 page ![]() CEC1702 Efuse Generator Tool User’s Guide DS50002598A-page 28 2017 Microchip Technology Inc. ; Output binary image file path. out = LedBlinking_img.bin ; Size of target flash in bytes, KBytes or MBytes. flashSize = 1MB ; Set load address for binary image. loadAddress = 0xB0000 ; Use ECDSA signing true or false. useECDSA = true ; EC Private Key in PEM file format. Key is used to sign the Header. ECDSAPrivKeyFile = ecprivkey.pem ; Password for the private key. ECDSAPrivKeyPass = "ECPRIVKEYPASS" ; Encrypt application binary using AES-256-CBC true or false fwEncrypt = true ; If application binary encryption is enabled, EC public key certificate in PEM file format. AesEcCert = ecpubkey_crt.pem 5. Build the example by clicking Build->Build (ctr+F9) to create image file to be writ- ten to external flash. 6. Run mikroE Programmer (F11) to program generated image. Note: The information to write in the Config.ini file (ECDSAPrivKeyFile, ECDSAP- rivKeyPass and AesEcCert) could also be found in keys_info.txt file. Please refer to section 2.1.2 “Output Files” for the location of keys_info.txt file. |