công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

CC2560BYFVT bảng dữ liệu(PDF) 36 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện CC2560BYFVT
Giải thích chi tiết về linh kiện  Dual-Mode Bluetooth Controller
PDF  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI1 [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI1 - Texas Instruments

CC2560BYFVT bảng dữ liệu(HTML) 36 Page - Texas Instruments

Back Button CC2560BYFVT Datasheet HTML 32Page - Texas Instruments CC2560BYFVT Datasheet HTML 33Page - Texas Instruments CC2560BYFVT Datasheet HTML 34Page - Texas Instruments CC2560BYFVT Datasheet HTML 35Page - Texas Instruments CC2560BYFVT Datasheet HTML 36Page - Texas Instruments CC2560BYFVT Datasheet HTML 37Page - Texas Instruments CC2560BYFVT Datasheet HTML 38Page - Texas Instruments CC2560BYFVT Datasheet HTML 39Page - Texas Instruments CC2560BYFVT Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 53 page
background image
Data
Control
Event
UART transport layer
RF
General
modules:
HCI vendor-
specific
Trace
Timers
Sleep
Host controller interface
HCI data handler
HCI command handler
Link manager
Link controller
SWRS121-016
Data
Data
CC2560A NRND; CC2564 NRND
36
CC2560A, CC2560B, CC2564, CC2564B
SWRS121E – JULY 2012 – REVISED JANUARY 2016
www.ti.com
Submit Documentation Feedback
Product Folder Links: CC2560A CC2560B CC2564 CC2564B
Detailed Description
Copyright © 2012–2016, Texas Instruments Incorporated
6.7
Bluetooth Transport Layers
Figure 6-18 shows the Bluetooth transport layers.
Figure 6-18. Bluetooth Transport Layers
6.8
Changes from CC2560A and CC2564 to CC2560B and CC2564B Devices
The CC2560B and CC2564B devices include the following changes from the CC2560A and CC2564
devices:
•
From a hardware perspective, both devices are pin compatible. From a software perspective, each
device requires a different service pack. When operating with the two devices using the supported
Bluetooth stack, the devices are integrated seamlessly and use remains identical for each device.
•
Assisted mode for the HFP 1.6 (WBS) profile or the A2DP profile to enable more advanced features
without using host processing or power
•
Support for the H5 protocol in the UART transport layer using 2-wire UART
•
Enable 10 Bluetooth LE connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com