| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
BL-BJ5331M bảng dữ liệu(PDF) 2 Page - Yellow Stone Corp |
|
|
|||||||||||||||||||||||||||||
BL-BJ5331M bảng dữ liệu(HTML) 2 Page - Yellow Stone Corp |
|
2 / 4 page ![]() L-001 BL-Bxx331 Series L-002 BL-Bxx341 Series L-003 BL-Bxx331M Series L-004 BL-Bxx331K Series L-005 BL-Bxxx3J4 Series L-006 BL-Bxxx4G-1 Series L-007 BL-Bxxx7M Series L-008 BL-Wxx3J4 Series Notes 1.All Dimensions are in millimeters (inches). 2.Tolerance is A0.25mm (.010 ). 0.81(.032) MIN. (.10) NOM. 2.54 FLAT DENOTES CATHODE 3.00(.118) 1.00(.039) 5.30(.209) 25.4(1.00) MIN. NOM. 0.81(.032) 0.5(.02) SQ.TYP. MIN. 3.80(.150) FLAT DENOTES CATHODE 1.5(.059) 2.54(.100) MAX. MIN. NOM. FLAT DENOTES CATHODE TYP. MAX. MAX. MIN. NOM. 5.30(.209) 1.5(.059) MAX. FLAT DENOTES CATHODE 1.0 (.04) 1.5 (.059) MAX. 1.0 (.04) MIN. 2.54 (.10) NOM. 4.75(.187) 3.85(.152) 25.4(1.0) MIN. 0.5(.02) SQ. TYP. 4.50(.177) 5.0(.197) 5.6(.220) NOM. MIN. TYP. MAX. X X Y Y 1.5(.059) 0.5(.02) SQ. 2.54(.100) 4.3(.169) 5.1(.200) 25.4(1.00) MIN. 1.0(.039) 7.3(.287) 5.1(.200) 0.5(.02) SQ. TYP. 1.0(.04) 25.4(1.0) MIN. 3.8(.15) 3.00(.118) 3.0(.118) 1.50(.059) 4.00(.157) 0.5(.02) SQ. 3.00(.118) 2.78(.109) 1.00(.039) 5.20(.204) 1.00(.039) 2.54(.100) 25.4(1.00) MIN. 1.00(.039) 0.5(.02) SQ.TYP. 3.16(.124) 1.00(.039) 1.5(.059) 25.4(1.00) MIN. 4.50(.177) 2.54(.100) 3.00(.118) FLAT DENOTES CATHODE 1.0(.04) 1.5(.059) MAX. 1.0(.04) MIN. 2.54(.10) NOM. 3.20(.126) 5.42(.213) 25.4(1.0) MIN. 0.5(.02) SQ. TYP. 5.0(.197) 5.7(.22) FLAT DENOTES CATHODE 1.0(.04) 1.5(.059) MAX. 1.0(.01) MIN. 2.54(.10) NOM. 25.4(1.0) MIN. 5.7(.22) 0.5(.02) SQ. TYP. 4.07(.160) 4.55(.179) 5.0(.197) Yellow Stone corp. www.ystone.com.tw 886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice. |