công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATL25/700 bảng dữ liệu(PDF) 1 Page - ATMEL Corporation

tên linh kiện ATL25/700
Giải thích chi tiết về linh kiện  ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATL25/700 bảng dữ liệu(HTML) 1 Page - ATMEL Corporation

  ATL25/700 Datasheet HTML 1Page - ATMEL Corporation ATL25/700 Datasheet HTML 2Page - ATMEL Corporation ATL25/700 Datasheet HTML 3Page - ATMEL Corporation ATL25/700 Datasheet HTML 4Page - ATMEL Corporation ATL25/700 Datasheet HTML 5Page - ATMEL Corporation ATL25/700 Datasheet HTML 6Page - ATMEL Corporation ATL25/700 Datasheet HTML 7Page - ATMEL Corporation ATL25/700 Datasheet HTML 8Page - ATMEL Corporation ATL25/700 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
Features
• Available in Gate Array or Embedded Array
• High-speed, 100 ps Gate Delay, 2-input NAND, FO = 2 (nominal)
• Up to 6.9 Million Used Gates and 976 Pins
• 0.25µ Geometry in up to Five-level Metal
• System-level Integration Technology
– Cores: ARM7TDMI
™, ARM920T™, ARM946E-S™ and MIPS64™ 5Kf™ RISC
Microprocessors; AVR
® RISC Microcontroller; OakDSPCore™,Teak™ and
PalmDSPCore
™ Digital Signal Processors; 10/100 Ethernet MAC, USB, 1394, 1284,
CAN and Other Assorted Processor Peripherals
– Analog Functions: DACs, ADCs, OPAMPs, Comparators, PLLs and PORs
– Soft Macro Memory: Gate Array
SRAM — ROM — DPSRAM — FIFO
– Hard Macro Memory: Embedded Array
SRAM — ROM — DPSRAM — FIFO — Stacked E
2 — Stacked Flash
– I/O Interfaces: CMOS, LVTTL, LVDS, PCI, USB; Output Currents up to 16 mA
@2.5V; 2.5V Native I/O, 3.3V Tolerant/Compliant I/O, 5.0V Tolerant I/O
Description
The ATL25 Series ASIC family is fabricated on a 0.25µ CMOS process with up to five
levels of metal. This family features arrays with up to 6.9 million routable gates and
976 pins. The high density and high pin count capabilities of the ATL25 family, coupled
with the ability to add embedded microprocessor cores, DSP engines and memory on
the same silicon, make the ATL25 series of ASICs an ideal choice for system-level
integration.
Figure 1. ATL25 Gate Array ASIC
Figure 2. ATL25 Embedded Array ASIC
Standard
Gate Array
Architecture
Standard
Gate Array
Architecture
Analog
ASIC
ATL25 Series
1414C–ASIC-08/02


Số phần tương tự - ATL25/700

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Abracon Corporation
ATL-1M114275S ABRACON-ATL-1M114275S Datasheet
1Mb / 5P
Low Profile TLVR Inductor
9/23/2024
ATL-1Z100512S ABRACON-ATL-1Z100512S Datasheet
1Mb / 8P
Trans-inductor Voltage Regulator (TLVR) Coupled Inductor
IR 12-08-23
ATL-1Z100512SR07KT ABRACON-ATL-1Z100512SR07KT Datasheet
1Mb / 8P
Trans-inductor Voltage Regulator (TLVR) Coupled Inductor
IR 12-08-23
ATL-1Z100512SR08KT ABRACON-ATL-1Z100512SR08KT Datasheet
1Mb / 8P
Trans-inductor Voltage Regulator (TLVR) Coupled Inductor
IR 12-08-23
ATL-1Z100512SR09KT ABRACON-ATL-1Z100512SR09KT Datasheet
1Mb / 8P
Trans-inductor Voltage Regulator (TLVR) Coupled Inductor
IR 12-08-23
More results

Mô tả tương tự - ATL25/700

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
STMicroelectronics
L8202 STMICROELECTRONICS-L8202 Datasheet
237Kb / 15P
MULTIFUNCTION ANALOG ASIC
Rev. 2
logo
List of Unclassifed Man...
M1EN ETC1-M1EN Datasheet
44Kb / 6P
CMOS ASIC encoder
CX5000 ETC1-CX5000 Datasheet
92Kb / 6P
0.18um Structured ASIC
logo
ATMEL Corporation
ATA2516 ATMEL-ATA2516 Datasheet
152Kb / 10P
IR Receiver ASIC
ATC18 ATMEL-ATC18_06 Datasheet
219Kb / 12P
Cell-based ASIC
logo
AMI SEMICONDUCTOR
X2P376 AMI-X2P376 Datasheet
1,022Kb / 14P
0.15mm Structured ASIC
logo
ATMEL Corporation
ATC35 ATMEL-ATC35 Datasheet
110Kb / 14P
Cell-based ASIC
ATC13 ATMEL-ATC13 Datasheet
143Kb / 12P
Cell-based ASIC
ATC20 ATMEL-ATC20 Datasheet
97Kb / 11P
Cell-based ASIC
logo
Pixart Imaging Inc.
PAC7010 PIXART-PAC7010 Datasheet
382Kb / 5P
motion tracing ASIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com