công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATL25/540 bảng dữ liệu(PDF) 10 Page - ATMEL Corporation

tên linh kiện ATL25/540
Giải thích chi tiết về linh kiện  ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATL25/540 bảng dữ liệu(HTML) 10 Page - ATMEL Corporation

Back Button ATL25/540 Datasheet HTML 6Page - ATMEL Corporation ATL25/540 Datasheet HTML 7Page - ATMEL Corporation ATL25/540 Datasheet HTML 8Page - ATMEL Corporation ATL25/540 Datasheet HTML 9Page - ATMEL Corporation ATL25/540 Datasheet HTML 10Page - ATMEL Corporation ATL25/540 Datasheet HTML 11Page - ATMEL Corporation ATL25/540 Datasheet HTML 12Page - ATMEL Corporation ATL25/540 Datasheet HTML 13Page - ATMEL Corporation ATL25/540 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
ATL25SeriesASIC
1414C–ASIC-08/02
ATL25 Series
Cell Library
Atmel’s ATL25 Series ASICs make use of an extensive library of cell structures, including logic
cells, buffers and inverters, multiplexers, decoders and I/O options. Soft macros are also
available.
These cells are characterized by use of SPICE modeling at the transistor level, with perfor-
mance verified on manufactured test silicon. Characterization is performed over the rated
temperature and voltage ranges to ensure that the simulation accurately predicts the perfor-
mance of the finished product.
Note:
* Stresses beyond those listed under Absolute Maximum Ratings may cause permanent dam-
age to the device. This is a stress rating only; functional operation of the device at these or any
other conditions beyond those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended periods may affect
device reliability.
Table 4. 2.5-volt DC Characteristics
Applicable over recommended operating temperature and voltage range unless otherwise noted.
Note:
All I/Os 2.5V Compliant
Absolute Maximum Ratings*
Parameter
Rating
Operating Ambient Temperature
−55°C to +125°C
Storage Temperature
−65°C to +150°C
Maximum Input Volutage:
Inputs
3.3V Compliant
3.3V/5V Tolerant
V
DD +0.5V
VDD3 +0.5V
5.5V
Maximum Operating Voltage (VDD)2.7V
Maximum Operating Voltage (V
DD3)3.6V
Symbol
Parameter
Buffer
Test Condition
Min
Typ
Max
Units
T
A
Operating Temperature
All
−55
125
°C
VDD
Supply Voltage
All
2.3
2.5
2.7
V
IIH
High-level Input Current
CMOS
VIN =VDD,VDD =VDD (max)
10
µA
I
IL
Low-level Input Current
CMOS
V
IN =VSS,VDD =VDD (max)
Pull-up= 620K
Ω
−10
µA
I
OZ
High-impedance State
Output Current
All
V
IN =VDD or VSS,
V
DD =VDD (max),
No pull-up or pull-down
−10
10
µA
IOS
Output Short-circuit
Current
PO11
V
OUT =VDD,VDD =VDD (max)
6
mA
PO11
VOUT =VSS,VDD =VDD (max)
−4
V
IH
High-level Input Voltage
CMOS
0.7V
DD
V
CMOS Schmitt
0.7V
DD
1.3
VIL
Low-level Input Voltage
CMOS
0.3VDD
V
CMOS Schmitt
1.1
0.3V
DD
V
HYS
Hysteresis
CMOS Schmitt
0.4
V
VOH
High-level Output
Voltage (Standard and
Tolerant
PO11
IOH =2 mA, VDD =VDD (max)
0.7VDD
V
3.3V Tolerant
IOH = 2 mA
0.7VDD
VOL
Low-level Output Voltage
(Standard and Tolerant)
PO11
IOL =2 mA, VDD =VDD (max)
0.3VDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com