công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

ATL25/144 bảng dữ liệu(PDF) 5 Page - ATMEL Corporation

tên linh kiện ATL25/144
Giải thích chi tiết về linh kiện  ASIC
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ATMEL [ATMEL Corporation]
Trang chủ  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATL25/144 bảng dữ liệu(HTML) 5 Page - ATMEL Corporation

  ATL25/144 Datasheet HTML 1Page - ATMEL Corporation ATL25/144 Datasheet HTML 2Page - ATMEL Corporation ATL25/144 Datasheet HTML 3Page - ATMEL Corporation ATL25/144 Datasheet HTML 4Page - ATMEL Corporation ATL25/144 Datasheet HTML 5Page - ATMEL Corporation ATL25/144 Datasheet HTML 6Page - ATMEL Corporation ATL25/144 Datasheet HTML 7Page - ATMEL Corporation ATL25/144 Datasheet HTML 8Page - ATMEL Corporation ATL25/144 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
ATL25SeriesASIC
1414C–ASIC-08/02
Pin Definition
Requirements
The corner pads are reserved for power and ground only. All other pads are fully programma-
ble as input, output, bidirectional, power, or ground. When implementing a design with 3.3V
compliant buffers, an appropriate number of pad sites must be reserved for the VDD 3pins,
which are used to distribute 3.3V power to the compliant buffers.
Design Options
Logic Synthesis
Atmel can accept RTL designs in Verilog or VHDL HDL formats. Atmel fully supports Synop-
sys for Verilog or VHDL simulation as well as synthesis. Of the two HDL formats, Verilog and
VHDL, Atmel’s preferred HDL format for ASIC design is Verilog.
ASIC Design
Translation
Atmel has successfully translated existing designs from most major ASIC vendors into Atmel
ASICs. These designs have been optimized for speed and gate count and modified to add
logic or memory, or replicated as a pin-for-pin compatible, drop-in replacement.
FPGA and PLD
Conversions
Atmel has successfully translated existing FPGA/PLD designs from most major vendors into
Atmel ASICs. There are four primary reasons to convert from an FPGA/PLD to an ASIC:
•
Conversion of high-volume devices for a single or combined design is cost effective.
•
Performance can often be optimized for speed or low power consumption.
•
Several FPGA/PLDs can be combined onto a single chip to minimize cost while reducing
on-board space requirements.
•
In situations where an FPGA/PLD was used for fast cycle time prototyping, an ASIC may
provide a lower cost answer for long-term volume production.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com