| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ATL25/100 bảng dữ liệu(PDF) 3 Page - ATMEL Corporation |
|
|
|||||||||||||||||||||||||||||
ATL25/100 bảng dữ liệu(HTML) 3 Page - ATMEL Corporation |
|
3 / 14 page ![]() 3 ATL25SeriesASIC 1414C–ASIC-08/02 Design Atmel supports several major software systems for design with complete cell libraries, as well as utilities for netlist verification, test vector verification and accurate delay simulations Table 2. Design Systems Supported Atmel’s ASIC design flow is structured to allow the designer to consolidate the greatest num- ber of system components onto the same silicon chip, using widely available third-party design tools. Atmel’s cell library reflects silicon performance over extremes of temperature, voltage and process, and includes the effects of metal loading, interlevel capacitance, and edge rise and fall times. The design flow includes clock tree synthesis to customer-specified skew and latency goals. RC extraction is performed on the final design database and incorporated into the timing analysis. The ASIC design flow, shown on page 4, provides a pictorial description of the typical interac- tion between Atmel’s design staff and the customer. Atmel will deliver design kits to support the customer’s synthesis, verification, floorplanning and scan insertion activities. Leading- edge tools from vendors such as Synopsys and Cadence are fully supported in our design flow. In the case of an embedded array design, Atmel will conduct a design review with the customer to define the partition of the embedded array ASIC and to define the location of the memory blocks and/or cores so an underlayer layout model can be created. Following database acceptance, automated test pattern generation (ATPG) is performed, if required, on scan paths using Synopsys tools; the design is routed; and post-route RC data is extracted. After post-route verification and a final design review, the design is taped out for fabrication. System Tools Version Cadence® Design Systems, Inc. Opus ™ – Schematic and Layout NC Verilog ™ – Verilog Simulator Pearl ™ – Static Path Verilog-XL ™ – Verilog Simulator BuildGates ™ – Synthesis (Ambit) 4.46 3.3-s008 4.3-s095 3.3-s006 4.0-p003 Mentor Graphics ® ModelSim ® – Verilog and VHDL (VITAL) Simulator Leonardo Spectrum ™ – Logic Synthesis 5.5e 2001.1d Synopsys ® Design Compiler ™ – Synthesis DFT Compiler – 1-Pass Test Synthesis BSD Compiler – Boundary Scan Synthesis TetraMax ® – Automatic Test Pattern Generation PrimeTime ™ –StaticPath VCS ™ – Verilog Simulator Floorplan Manager ™ 01.01-SP1 01.08-SP1 01.08-SP1 01.08 01.08-SP1 5.2 01.08-SP1 Novas Software, Inc. ® Debussy ® 5.1 Silicon Perspective ™ First Encounter ® v2001.2.3 |