công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

74F841 bảng dữ liệu(PDF) 2 Page - NXP Semiconductors

tên linh kiện 74F841
Giải thích chi tiết về linh kiện  Bus interface latches
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PHILIPS [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

74F841 bảng dữ liệu(HTML) 2 Page - NXP Semiconductors

  74F841 Datasheet HTML 1Page - NXP Semiconductors 74F841 Datasheet HTML 2Page - NXP Semiconductors 74F841 Datasheet HTML 3Page - NXP Semiconductors 74F841 Datasheet HTML 4Page - NXP Semiconductors 74F841 Datasheet HTML 5Page - NXP Semiconductors 74F841 Datasheet HTML 6Page - NXP Semiconductors 74F841 Datasheet HTML 7Page - NXP Semiconductors 74F841 Datasheet HTML 8Page - NXP Semiconductors 74F841 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product data
74F841/74F842
10-bit bus interface latches, non-inverting/inverting
(3-State)
2
2004 Jan 23
FEATURES
• High speed parallel latches
• Extra data width for wide address/data paths or buses carrying
parity
• High impedance NPN base input structure minimizes bus loading
• I
IL is 20 µA for minimum bus loading
• Buffered control inputs to reduce AC effects
• Ideal where high speed, light loading, or increased fan-in are
required as with MOS microprocessors
• Positive and negative over-shoots are clamped to ground
• 3-State outputs glitch free during power-up and power-down
• 48 mA sink current
• Slim dual in-line 300 mil package
• Broadside pinout
DESCRIPTION
The 74F841 and 74F842 bus interface latches are designed to
provide extra data width for wider address/data paths of buses
carrying parity.
The 74F841 consists of ten D-type latches with 3-State outputs.
The flip-flops appear transparent to the data when Latch Enable
(LE) is HIGH. This allows asynchronous operation, as the output
transition follows the data in transition. On the LE HIGH-to-LOW
transition, the data that meets the set-up and hold time is latched.
Data appears on the bus when the Output Enable (OE) is LOW.
When OE is HIGH the output is in the high-impedance state.
The 74F842 is the inverted output version of the 74F841.
TYPE
TYPICAL
PROPAGATION
DELAY
TYPICAL
SUPPLY CURRENT
(TOTAL)
74F841, 74F842
5.5 ns
60 mA
ORDERING INFORMATION
COMMERCIAL RANGE: VCC = 5 V ± 10%; Tamb = 0 °C to +70 °C
Type number
Package
Name
Description
Version
N74F841N, N74F842N
DIP24
plastic dual in-line package; 24 leads (300 mil)
SOT222-1
N74F841D, N74F842D
SO24
plastic small outline package; 24 leads; body width 7.5 mm
SOT137-1
INPUT AND OUTPUT LOADING AND FAN-OUT TABLE
PINS
DESCRIPTION
74F(U.L.)
HIGH/LOW
LOAD VALUE
HIGH/LOW
Dn
Data inputs
1.0/0.033
20
µA / 20 µA
LE
Latch Enable input
1.0/0.033
20
µA / 20 µA
OE
Output Enable input (active-LOW)
1.0/0.033
20
µA / 20 µA
Qn
Data outputs
1200/80
24 mA / 48 mA
Qn
Data outputs
1200/80
24 mA / 48 mA
NOTE: One (1.0) FAST Unit Load is defined as: 20
µA in the HIGH state and 0.6 mA in the LOW state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12