công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

16TTS bảng dữ liệu(PDF) 6 Page - International Rectifier

tên linh kiện 16TTS
Giải thích chi tiết về linh kiện  SURFACE MOUNTABLE PHASE CONTROL SCR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  IRF [International Rectifier]
Trang chủ  http://www.irf.com
Logo IRF - International Rectifier

16TTS bảng dữ liệu(HTML) 6 Page - International Rectifier

  16TTS Datasheet HTML 1Page - International Rectifier 16TTS Datasheet HTML 2Page - International Rectifier 16TTS Datasheet HTML 3Page - International Rectifier 16TTS Datasheet HTML 4Page - International Rectifier 16TTS Datasheet HTML 5Page - International Rectifier 16TTS Datasheet HTML 6Page - International Rectifier 16TTS Datasheet HTML 7Page - International Rectifier 16TTS Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
16TTS.. S
SAFEIR Series
Bulletin I2105 rev. D 12/98
www.irf.com
9G3A
16TTS16S
9512
EXAMPLE: THIS IS AN 16TTS16S
INTERNATIONAL
RECTIFIER LOGO
PART NUMBER
Marking Information
DATE CODE (YYWW)
YY = YEAR
WW = WEEK
ASSEMBLY
LOT CODE
Tape & Reel Information
Dimensions in millimeters and inches
TRR
FEED DIRECTION
TRL
FEED DIRECTION
10 .90 (0.4 29)
10 .70 (0.4 21)
16 .10 (0.6 34)
15 .90 (0.6 26)
1.75 (0 .06 9)
1.25 (0 .04 9)
1.85 (0.073)
1.65 (0.065)
4.10 (0.161)
3.90 (0.153)
1.60 (0.063)
1.50 (0.059)
DIA.
1.60 (0.063)
1.50 (0.059)
DIA.
11.60 (0.457)
11.40 (0.449)
15 .42 (0.6 09)
15 .22 (0.6 01)
4.72 (0 .18 6)
4.52 (0 .17 8)
24 .30 (0 .95 7)
23 .90 (0 .94 1)
0.368 (0.0145)
0.342 (0.0135)
360 (1 4.173)
DIA. MAX.
26 .40 (1.0 39)
24 .40 (0.9 61)
13.50 (0.532)
12.80 (0.504)
DIA.
60 (2 .362)
DIA. MIN.
SMD-220 Tape & Reel
When orderi ng, indicate the part
number, part orientation, and the
quantity. Quantities are in multiples
of 800 pieces per reel for both
TRL and T RR.
(K)
(G)
(A)



Html Pages

1 2 3 4 5 6 7 8