| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT-121NB bảng dữ liệu(PDF) 3 Page - Inolux Corporation |
|
|
|||||||||||||||||||||||||||||
HT-121NB bảng dữ liệu(HTML) 3 Page - Inolux Corporation |
|
3 / 24 page ![]() Side-emitting (0604) HT-121 Series Official Product Product: HT-121 Series Data Sheet No. Tentative Product **************** HT-121 Series Specifications are subject to change without notice. Data and drawings herein are copyrighted. June 18, 2013 Version of 1.0 Page 3/24 DISCLAIMER HARVATEK reserves the right to make changes without further notice to any products herein to improve reliability, function or design. HARVATEK does not assume any liability arising out of the application or use of any product or circuit described herein; neither does it convey any license under its patent rights, nor the rights of others. LIFE SUPPORT POLICY HARVATEK’s products are not authorized for use as critical components in life support devices or systems without the express written approval of the President of HARVATEK or HARVATEK INTERNATIONAL. As used herein: 1. Life support devices or systems are devices or systems which, (a) are intended for surgical implant into the body, or (b) support or sustain life, and (c) whose failure to perform when properly used in accordance with instructions for use provided in the labeling, can be reasonably expected to result in a significant injury of the user. 2. A critical component in any component of a life support device or system whose failure to perform can be reasonably expected to cause the failure of the life support device or system, or to affect its safety or effectiveness. |