| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
HT-12HTW5 bảng dữ liệu(PDF) 16 Page - Inolux Corporation |
|
|
|||||||||||||||||||||||||||||
HT-12HTW5 bảng dữ liệu(HTML) 16 Page - Inolux Corporation |
|
16 / 21 page ![]() InGaN Chip Led HT-12H Series Official Product Product: HT-12H Series Data Sheet No. Tentative Product **************** HT-12H Series Specifications are subject to change without notice. Data and drawings herein are copyrighted. June 18, 2013 Version of 1.0 Page 16/21 Packing 5 boxes per carton is available depending on shipment quantity. Specification Material Quantity Carrier tape Per EIA 481-1A specs Conductive black tape 4000pcs per reel Reel Per EIA 481-1A specs Conductive black Label HT standard Paper Packing bag 220x240mm Aluminum laminated bag/ no-zipper One reel per bag Carton HT standard Paper Non-specified Others: Each immediate box consists of 5 reels. The 5 reels may not necessarily have the same lot number or the same bin combinations of Iv, λD and Vf. Each reel has a label identifying its specification; the immediate box consists of a product label as well. |