| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TC58FVB160AF bảng dữ liệu(PDF) 16 Page - Toshiba Semiconductor |
|
|
|||||||||||||||||||||||||||||
TC58FVB160AF bảng dữ liệu(HTML) 16 Page - Toshiba Semiconductor |
|
16 / 41 page ![]() TC58FVT160/B160AFT/AXB-70,-10 2001-09-05 16/41 DATA PROTECTION The TC58FVT160/B160A includes a function which guards against malfunction or data corruption. Protection against Program/Erase Caused by Low Supply Voltage To prevent malfunction at power-on or power-down, the device will not accept commands while VDD is below VLKO. In this state, command input is ignored. If VDD drops below VLKO during an Auto Operation, the device will terminate Auto-Program execution. In this case, Auto operation is not executed again when VDD return to recommended VDD voltage Therefore, command need to be input to execute Auto operation again. When VDD > VLKO, make up countermeasure to be input accurately command in system side please. Protection against Malfunction Caused by Glitches To prevent malfunction during operation caused by noise from the system, the device will not accept pulses shorter than 3 ns (Typ.) input on WE , CE or OE . However, if a glitch exceeding 3 ns (Typ.) occurs and the glitch is input to the device malfunction may occur. The device uses standard JEDEC commands. It is conceivable that, in extreme cases, system noise may be misinterpreted as part of a command sequence input and that the device will acknowledge it. Then, even if a proper command is input, the device may not operate. To avoid this possibility, clear the Command Register before command input. In an environment prone to system noise, Toshiba recommend input of a software or hardware reset before command input. Protection against Malfunction at Power-on To prevent damage to data caused by sudden noise at power-on, when power is turned on with WE = CE = VIL and OE = VIL, the device does not latch the command on the first rising edge of WE or CE . Instead, the device automatically Resets the Command Register and enters Read Mode. |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |