| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72F324J4B6 bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F324J4B6 bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 156 page ![]() ST72324J/K 15/156 Notes: 1. The contents of the I/O port DR registers are readable only in output configuration. In input configura- tion, the values of the I/O pins are returned instead of the DR register contents. 2. The bits associated with unavailable pins must always keep their reset value. 3. These registers and the ICF2 and OCF2 flags are not present in the ST72324 but are present in the emulator. For compatibility with the emulator, it is recommended to perform a dummy access (read or write) to the TAIC2LR and TAOC2LR registers to clear the interrupt flags. |