| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ST72F324J2T6 bảng dữ liệu(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
ST72F324J2T6 bảng dữ liệu(HTML) 59 Page - STMicroelectronics |
|
59 / 156 page ![]() ST72324J/K 59/156 16-BIT TIMER (Cont’d) Figure 36. Timer Block Diagram MCU-PERIPHERAL INTERFACE COUNTER ALTERNATE OUTPUT COMPARE REGISTER OUTPUT COMPARE EDGE DETECT OVERFLOW DETECT CIRCUIT 1/2 1/4 1/8 8-bit buffer ST7 INTERNAL BUS LATCH1 OCMP1 ICAP1 EXTCLK fCPU TIMER INTERRUPT ICF2 ICF1 TIMD 0 0 OCF2 OCF1 TOF PWM OC1E EXEDG IEDG2 CC0 CC1 OC2E OPM FOLV2 ICIE OLVL1 IEDG1 OLVL2 FOLV1 OCIE TOIE ICAP2 LATCH2 OCMP2 8 8 8 low 16 8 high 16 16 16 16 (Control Register 1) CR1 (Control Register 2) CR2 (Control/Status Register) 6 16 8 8 8 8 8 8 EXEDG TIMER INTERNAL BUS CIRCUIT1 EDGE DETECT CIRCUIT2 CIRCUIT 1 OUTPUT COMPARE REGISTER 2 INPUT CAPTURE REGISTER 1 INPUT CAPTURE REGISTER 2 CC[1:0] COUNTER pin pin pin pin pin REGISTER REGISTER Note: If IC, OC and TO interrupt requests have separate vectors then the last OR is not present (See device Interrupt Vector Table) (See note) CSR |