công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD974AR bảng dữ liệu(PDF) 8 Page - Analog Devices

tên linh kiện AD974AR
Giải thích chi tiết về linh kiện  4-Channel, 16-Bit, 200 kSPS Data Acquisition System
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD974AR bảng dữ liệu(HTML) 8 Page - Analog Devices

Back Button AD974AR Datasheet HTML 4Page - Analog Devices AD974AR Datasheet HTML 5Page - Analog Devices AD974AR Datasheet HTML 6Page - Analog Devices AD974AR Datasheet HTML 7Page - Analog Devices AD974AR Datasheet HTML 8Page - Analog Devices AD974AR Datasheet HTML 9Page - Analog Devices AD974AR Datasheet HTML 10Page - Analog Devices AD974AR Datasheet HTML 11Page - Analog Devices AD974AR Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
REV. A
AD974
–7–
CONVERSION CONTROL
The AD974 is controlled by two signals: R/
C and CS. When
R/
C is brought low, with CS low, for a minimum of 50 ns, the
input signal will be held on the internal capacitor array and a
conversion “n” will begin. Once the conversion process does
begin, the
BUSY signal will go low until the conversion is com-
plete. Internally, the signals R/
C and CS are ORed together and
there is no requirement on which signal is taken low first when
initiating a conversion. The only requirement is that there be at
least 10 ns of delay between the two signals being taken low.
After the conversion is complete, the
BUSY signal will return
high and the AD974 will again resume tracking the input signal.
Under certain conditions the
CS pin can be tied Low and R/C
will be used to determine whether you are initiating a conver-
sion or reading data. On the first conversion, after the AD974 is
powered up, the DATA output will be indeterminate.
Conversion results can be clocked serially, using either an
internal clock generated by the AD974 or an external clock.
The AD974 is configured for the internal data clock mode by
pulling the EXT/
INT pin low. It is configured for the external
clock mode by pulling the EXT/
INT pin high.
INTERNAL DATA CLOCK MODE
The AD974 is configured to generate and provide the data clock
when the EXT/
INT pin is held low. Typically CS will be tied
low and R/
C will be used to initiate a conversion “n.” During
the conversion the AD974 will output 16 bits of data, MSB first,
from conversion “n-1” on the DATA pin. This data will be
synchronized with 16 clock pulses provided on the DATACLK
pin. The output data will be valid on both the rising and falling
edge of the data clock as shown in Figure 3. After the LSB has
been presented, the DATACLK pin will stay low until another
conversion is initiated.
In this mode, the digital input/output pins’ transitions are suit-
ably positioned to minimize degradation on the conversion
result, mainly during the second half of the conversion process.
EXTERNAL DATA CLOCK MODE
The AD974 is configured to accept an externally supplied data
clock when the EXT/
INT pin is held high. This mode of opera-
tion provides several methods by which conversion results can
be read. The output data from conversion “n-1” can be read
during conversion “n,” or the output data from conversion “n”
CS, R/C
BUSY
MODE
ACQUIRE
CONVERT
t1
CONVERT
ACQUIRE
t3
t2
t5
t6
t4
t7
t23
t25
t24
A0, A1
WR1, WR2
Figure 2. Basic Conversion Timing
R/
C
DATACLK
DATA
BUSY
1
MSB
VALID
BIT 14
VALID
t8
t1
t9
2
3
15
16
t10
t11
BIT 13
VALID
BIT 1
VALID
LSB
VALID
t2
t6
Figure 3. Serial Data Timing for Reading Previous Conversion Results with Internal Clock
(
CS and EXT/ INT Set to Logic Low)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com