công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

KBPC5004FP bảng dữ liệu(PDF) 1 Page - Diotec Semiconductor

tên linh kiện KBPC5004FP
Giải thích chi tiết về linh kiện  Single Phase Bridge Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  DIOTEC [Diotec Semiconductor]
Trang chủ  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

KBPC5004FP bảng dữ liệu(HTML) 1 Page - Diotec Semiconductor

  KBPC5004FP Datasheet HTML 1Page - Diotec Semiconductor KBPC5004FP Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
KBPC5001FP ... KBPC5012FP
KBPC5001FP ... KBPC5012FP
Single Phase Bridge Rectifier
Einphasen-Brückengleichrichter
IFAV = 50 A
VF
< 1.1 V
Tjmax = 150°C
VRRM = 100...1200 V
IFSM = 400/450 A
trr
~ 1500 ns
Version 2017-12-05
KBPCxxxxFP
(28.6 x 28.6 x 7.3)
Dimensions - Maße [mm]
Typical Application
50/60 Hz Mains Rectification,
Power Supplies
Commercial grade 1)
Typische Anwendung
50/60 Hz Netzgleichrichtung,
Stromversorgungen
Standardausführung 1)
Features
UL recognized, File E175067
VRRM up to 1200 V
FP = Fast-on terminals 2,3)
Plastic case 4) with isolated
Isolated aluminium baseplate
Compliant to RoHS, REACH,
Conflict Minerals 1)
Besonderheit
UL-anerkannt, Liste E175067
VRRM bis zu 1200 V
FP = Fast-on Anschlüsse 2,3)
Plastikgehäuse 4) mit
Isolierter Alu-Boden
Konform zu RoHS, REACH,
Konfliktmineralien 1)
Mechanical Data 1)
Mechanische Daten 1)
Packed in cardboard trays
240
Verpackt in Einlagekartons
Weight approx.
17 g
Gewicht ca.
Casting compound
UL 94V-0
Vergussmasse
Solder & assembly conditions
260°C/10s Löt- und Einbaubedingungen
MSL N/A
Further available:
KBPC25 00...10 I, KBPC35 00...10 I (Single Inline)
Ebenso erhältlich:
KBPC10/15/25 00...16 FP|WP, KBPC35 00...16 FP|WP
Maximum ratings 5)
Grenzwerte 4)
Type
Typ
Max. alternating input voltage
Max. Eingangswechselspannung
VVRMS [V] 6)
Repetitive peak reverse voltage
Periodische Spitzensperrspannung
VRRM [V] 7)
KBPC5001FP
70
100
KBPC5002FP
140
200
KBPC5004FP
280
400
KBPC5006FP
420
600
KBPC5008FP
560
800
KBPC5010FP
700
1000
KBPC5012FP
800
1200
1 Please note the detailed information on our website or at the beginning of the data book
Bitte beachten Sie die detaillierten Hinweise auf unserer Internetseite bzw. am Anfang des Datenbuches
2
For 6.3mm (1/4“) Fast-on connectors; alternatively, solder assembly possible
Für 6.3mm Fast-on Steckverbinder; alternativ Lötmontage möglich
3
Solderable per JESD22-B102E and JESD22-B106C (260°C/10s)
Lötbar gemäß JESD22-B102E und JESD22-B106C (260°C/10s)
4
Edge close to + terminal not present necessarily – Abschrägung nahe + Anschluss nicht zwingend vorhanden
5
TA = 25°C unless otherwise specified – TA = 25°C wenn nicht anders angegeben
6
Eventual superimposed voltage peaks must not exceed VRRM – Evtl. überlagerte Spannungsspitzen dürfen VRRM nicht überschreiten
7
Valid per diode – Gültig pro Diode
1
http://www.diotec.com/
© Diotec Semiconductor AG
Pb
RoHS
28.6±0.5
21.6
Ø 5.2±0.2
18.1±0.5
16.6
±0.5
6.7
+
7.3
+
=
=
+0.7
–0.1
~
~
+1
–2


Số phần tương tự - KBPC5004FP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Diotec Semiconductor
KBPC5004FP DIOTEC-KBPC5004FP Datasheet
223Kb / 2P
Silicon-Bridge-Rectifiers
KBPC5004FP DIOTEC-KBPC5004FP Datasheet
220Kb / 2P
Silicon-Bridge-Rectifiers
KBPC5004FP DIOTEC-KBPC5004FP Datasheet
214Kb / 2P
Silicon-Bridge-Rectifiers
More results

Mô tả tương tự - KBPC5004FP

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
SINGLE-PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
Single Phase Rectifier Bridge
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
Solid States Devices, I...
SDA276A SSDI-SDA276A Datasheet
80Kb / 2P
SINGLE PHASE BRIDGE RECTIFIER
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436_07 Datasheet
117Kb / 2P
Single Phase Bridge Rectifier
logo
Naina Semiconductor ltd...
25MB NAINA-25MB Datasheet
105Kb / 2P
Single Phase Bridge Rectifier
logo
Diotec Semiconductor
KBPC1500FW DIOTEC-KBPC1500FW_18 Datasheet
392Kb / 2P
Single Phase Bridge Rectifier
logo
IXYS Corporation
VBO20 IXYS-VBO20 Datasheet
185Kb / 2P
Single Phase Rectifier Bridge
More results


Html Pages

1 2


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com