| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
CT-38SX3C-R bảng dữ liệu(PDF) 3 Page - Teledyne Technologies Incorporated |
|
|
|||||||||||||||||||||||||||||
CT-38SX3C-R bảng dữ liệu(HTML) 3 Page - Teledyne Technologies Incorporated |
|
3 / 14 page ![]() © 2013 TELEDYNE RELAYS (800) 284-7007 • www.teledynecoax.com CCT-38S/CT-38S Page 3 CCT-38S\CT-38S\082013\Q3 Series CCT-38S/CT-38S Multi-Throw DC–18 GHz/DC-22 GHz Normally Open Coaxial Switch COAX SWITCHES CONNECTOR PINOUT FOR NORMALLY OPEN SP3T MULTI-THROW SWITCHES EXAMPLE CT-38S130-S CT-38S13C-S CT-38S130-TS CT-38S13C-TS CT-38S130-TDS CT-38S13C-TDS INDICATOR YES YES YES TTL YES YES DECODERS & TTL YES YES PIN NO. 9-PIN 9-PIN 9-PIN 9-PIN 9-PIN 9-PIN 1PORT 1PORT 1PORT 1PORT 1LOGIC 1LOGIC 1 2PORT 2PORT 2PORT 2PORT 2LOGIC 2LOGIC 2 3PORT 3PORT 3PORT 3PORT 3 4E INDICATOR E INDICATOR E INDICATOR 5F INDICATOR F INDICATOR F INDICATOR 6G INDICATOR G INDICATOR G INDICATOR 7COMMON COMMON COMMON COMMON COMMON COMMON 8VSW VSW VSW VSW 9D INDICATOR (COM) D INDICATOR (COM) D INDICATOR (COM) CONNECTOR PINOUT FOR NORMALLY OPEN SP4T MULTI-THROW SWITCHES EXAMPLE CT-38S140-S CT-38S14C-S CT-38S140-TS CT-38S14C-TS CT-38S140-TDS CT-38S14C-TDS INDICATOR YES YES YES TTL YES YES DECODERS & TTL YES YES PIN NO. 9-PIN 15-PIN 9-PIN 15-PIN 9-PIN 15-PIN 1PORT 1PORT 1 TTL 1 TTL 1 LOGIC 1LOGIC 1 2PORT 2PORT 2 TTL 2 TTL 2 LOGIC 2LOGIC 2 3PORT 3PORT 3 TTL 3 TTL 3 LOGIC 3LOGIC 3 4PORT 4PORT 4 TTL 4 TTL 4 5 6 7COMMON COMMON COMMON COMMON COMMON COMMON 8VSW VSW VSW VSW 9D INDICATOR (COM) D INDICATOR (COM) D INDICATOR (COM) 10 N /A E INDICATOR N /A E INDICATOR N /A E INDICATOR 11 F INDICATOR F INDICATOR F INDICATOR 12 G INDICATOR G INDICATOR G INDICATOR 13 H INDICATOR H INDICATOR H INDICATOR 14 15 |