| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 NTE Electronics |
NTE1383
|
26Kb / 3P |
Integrated Circuit Dual Audio Power Amp, 5.1W/Ch (10.5W BTL)
|
|
NTE1399
|
21Kb / 2P |
Integrated Circuit Dual, Audio Power Amp, 18W BTL
|
|
NTE1470
|
19Kb / 2P |
Integrated Circuit Audio Power Amp, 2.5W for Table Top Stereo
|
|
NTE1898
|
25Kb / 3P |
Integrated Circuit Dual Audio Power Amp, 5.8W (22W BTL)
|
 KEC(Korea Electronics) |
KIA6220H
|
266Kb / 13P |
BIPOLAR LINEAR INTEGRATED CIRCUIT (30W BTL DUAL AUDIO POWER AMPLIFIER)
|
|
KIA6221AH
|
282Kb / 13P |
BIPOLAR LINEAR INTEGRATED CIRCUIT (30W BTL DUAL AUDIO POWER AMPLIFIER)
|
|
KIA6280H
|
240Kb / 11P |
BIPOLAR LINEAR INTEGRATED CIRCUIT (5.8W DUAL AUDIO POWER AMPLIFIER 22W BTL AUDIO POWER AMPLIFIER)
|
 Wuxi Youda electronics ... |
YD2206
|
76Kb / 4P |
2.5W DUAL AUDIO POWER AMP
|
 Unisonic Technologies |
2206
|
121Kb / 4P |
2.5W DUAL AUDIO POWER AMP
|
|
2206
|
166Kb / 6P |
2.5W DUAL AUDIO POWER AMP
|