| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
180330-0002
|
2Mb / 2P |
LED Array Holder for Sharp* Mega Zenigata (COB) and Sharp Mini Zenigata (COB) Arrays
|
|
1804160104
|
51Kb / 1P |
LED Array Holder for Citizen CLL040
|
 Lumileds Lighting Compa... |
2213130-2
|
240Kb / 2P |
TE LED holder for Sharp Mega Zenigata
|
 Molex Electronics Ltd. |
1801500000
|
47Kb / 1P |
LED Array Holder for Bridgelux* ES, without Lens Cover
|
|
1801800000
|
43Kb / 1P |
LED Array Holder for Bridgelux RS, without Lens Cover
|
|
1803300003
|
38Kb / 1P |
LED Array Holder for Sharp Mega Zenigata (COB) Array, 50.00mm Diameter with Zhaga Cover
|
|
1803900002
|
40Kb / 1P |
LED Array Holder for Sharp Mini Zenigata (COB) Array, 30.00 by 36.20mm Diameter
|
|
1805800001
|
37Kb / 1P |
LED Array Holder for 16.00 by 19.00mm COB, Rectangular Version
|
|
1805800004
|
37Kb / 1P |
LED Array Holder for 16.00 by 19.00mm COB, Circular Version
|
 TE Connectivity Ltd |
1-1773700-7
|
263Kb / 3P |
Type Z50 LED holder for Sharp Mega Zenigata
|