| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 STMicroelectronics |
WS57C49C
|
52Kb / 7P |
HIGH SPEED 8K x 8 CMOS PROM/RPROM
|
 Samsung semiconductor |
KM28C64A
|
364Kb / 12P |
8K x 8 BIT CMOS ELECTRICALLY ERASABLE PROM
|
 Intersil Corporation |
HS-65647RH
|
110Kb / 16P |
Radiation Hardened 8K x 8 SOS CMOS Static RAM
1995 08 |
|
HS-6617RH-T
|
94Kb / 3P |
Radiation Hardened 2K x 8 CMOS PROM
1999 07 |
|
HS-6617RH
|
128Kb / 14P |
Radiation Hardened 2K x 8 CMOS PROM
1995 08 |
 Aeroflex Circuit Techno... |
UT28F256
|
69Kb / 11P |
Radiation-Hardened 32K x 8 PROM
|
 Intersil Corporation |
HS-6564RH
|
673Kb / 9P |
Radiation Hardened 8K x 8, 16K x 4 CMOS RAM Module
September 1997 |
|
HS-65647RH
|
128Kb / 8P |
Radiation Hardened 8K x 8 SOS CMOS Static RAM
August 2000 |
|
HS-6617RH
|
139Kb / 5P |
Radiation Hardened 2K x 8 CMOS PROM
August 2000 |
|
HS-6664RH
|
258Kb / 5P |
Radiation Hardened 8kx8 CMOS PROM
August 2000 |