| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 ams AG |
AS3901
|
618Kb / 18P |
ISM 433/315 MHz FSK/ASK Transmitter
|
 Infineon Technologies A... |
TDA5101A
|
260Kb / 21P |
ASK Transmitter 315 MHz
V 0.2 May 1999 |
|
TDA5102
|
1Mb / 35P |
ASK/FSK Transmitter 915 MHz
Version 1.1 October 2001 |
|
TDK5101
|
584Kb / 39P |
ASK/FSK Transmitter 315 MHz
Version 1.0 October 2002 |
|
TDK5101F
|
498Kb / 34P |
315 MHz ASK/FSK Transmitter in 10-pin Package
Version 0.1 July 2003 |
|
TDK5110
|
618Kb / 41P |
ASK/FSK Transmitter 868/433 MHz
Version 1.1 October 2002 |
|
TDA7110
|
619Kb / 39P |
ASK/FSK Transmitter 868/433 MHz
Version 1.0 December 2008 |
|
TDK5101F
|
1Mb / 40P |
315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.3, September 2007 |
|
TDK5111F
|
893Kb / 36P |
315 MHz ASK/FSK Transmitter in 10-pin Package
V 1.1, September 2007 |
 Melexis Microelectronic... |
TH7107
|
376Kb / 16P |
315/433MHz FSK/FM/ASK Transmitter
|