| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Cree, Inc |
CGH27060F
|
824Kb / 8P |
60 W, 2300-2900 MHz, 28V, GaN HEMT for WiMAX
Rev 1.0 |
|
CGH27015
|
1Mb / 12P |
15 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev 4.0 |
|
CGH27030F
|
1Mb / 12P |
30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev 4.0 |
|
CGH35060F1
|
2Mb / 12P |
60 W, 3.3-3.6 GHz, 28V, GaN HEMT for WiMAX, Broadband Wireless Access
Rev 3.1 |
|
CGH35060F2
|
1Mb / 11P |
60 W, 3100-3500 MHz, 28V, GaN HEMT
Rev 4.0 |
|
CGH27030
|
1Mb / 12P |
30 W, 28V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
|
 WOLFSPEED, INC. |
CGH27015
|
3Mb / 12P |
15 W, 28 V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev. 4.2, 2022-11-3 |
|
CGH27030
|
2Mb / 12P |
30 W, 28 V, GaN HEMT for Linear Communications ranging from VHF to 3 GHz
Rev. 4.2, 2022-10-20 |
|
CGH27060F
|
4Mb / 12P |
60 W Peak, 28 V, GaN HEMT for Linear Communications from VHF to 3 GHz
Rev. 5.2, 2022-11-11 |
|
CGH35060F1_P1
|
1Mb / 12P |
60 W, 3.3-3.6 GHz, 28V, GaN HEMT for WiMAX, Broadband Wireless Access
Rev. 3.3, 2022-10-28 |