| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 List of Unclassifed Man... |
TSXCUSB485
|
46Kb / 1P |
connection cord set for PC terminal
|
 Schneider Electric |
BMXFCA150
|
78Kb / 2P |
cord set - 20-way terminal - SUBD25 connector - for X80 I/O - 1.5 m
Apr 20, 2022 |
|
BMXFCA152
|
75Kb / 2P |
cord set - 40-way terminal - SUBD25 connector - for X80 I/O - 1.5 m
Apr 20, 2022 |
|
BMXFCA300
|
78Kb / 2P |
cord set - 20-way terminal - SUBD25 connector - for X80 I/O - 3 m
Apr 20, 2022 |
|
BMXFCA500
|
77Kb / 2P |
cord set - 20-way terminal - SUBD25 connector - for X80 I/O - 5 m
Apr 20, 2022 |
|
BMXFCA502
|
75Kb / 2P |
cord set - 40-way terminal - SUBD25 connector - for X80 I/O - 5 m
Apr 20, 2022 |
|
990NAA26320
|
115Kb / 2P |
connection cord set for PC terminal - for Unity processor - 3.7 m
Apr 27, 2022 |
|
TSXCUSB232
|
63Kb / 2P |
TSXCUSB232 connection cord set for PC terminal - 0.4 m
Mar 09, 2017 |
 FIBOX Enclosing innovat... |
7700101
|
46Kb / 1P |
Brass insert set for PC/ABS
11.08.2023 |
 Schneider Electric |
TSXCRJMD25
|
121Kb / 2P |
connection cord set for PC terminal - for Premium / Quantum - 2 m
Jun 6, 2023 |