| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 NXP Semiconductors |
PDTA123T
|
83Kb / 10P |
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02-3 September 2009 |
|
PDTA123Y
|
123Kb / 18P |
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04-3 September 2009 |
|
PEMB20
|
71Kb / 11P |
PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03-1 September 2009 |
|
PDTC123TM
|
85Kb / 10P |
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01-10 March 2006 |
|
PEMB20_PUMB20
|
71Kb / 11P |
PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03-1 September 2009 |
 Nexperia B.V. All right... |
PEMB20
|
71Kb / 11P |
PNP/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 03 - 1 September 2009 |
|
PDTC123T_SER
|
585Kb / 10P |
NPN resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 01 - 10 March 2006 |
|
PDTA123T_SER
|
198Kb / 11P |
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = open
Rev. 02 - 3 September 2009 |
|
PDTA123Y_SER
|
237Kb / 19P |
PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 10 kW
Rev. 04 - 3 September 2009 |
|
PEMD20
|
64Kb / 10P |
NPN/PNP resistor-equipped transistors; R1 = 2.2 kW, R2 = 2.2 kW
Rev. 01 - 2 May 2005 |