| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 ON Semiconductor |
NTD5867NL
|
144Kb / 7P |
N-Channel Power MOSFET 60 V, 20 A, 39 m
March, 2010 ??Rev. 0 |
 Fairchild Semiconductor |
FDMC86520L
|
258Kb / 7P |
N-Channel Power Trench짰 MOSFET 60 V, 22 A, 7.9 m廓
|
|
FDMS86520L
|
269Kb / 7P |
N-Channel PowerTrench짰 MOSFET 60 V, 22 A, 8.2 m廓
|
 ON Semiconductor |
NVD5862N
|
112Kb / 6P |
60 V, 5.7 m, 98 A, Single N-Channel
December, 2010 ??Rev. 0 |
 Fairchild Semiconductor |
FQI50N06TU
|
1Mb / 9P |
N-Channel QFET짰 MOSFET 60 V, 50 A, 22 m廓
|
 ON Semiconductor |
NTBS9D0N10MC
|
166Kb / 6P |
MOSFET - Single N-Channel 100 V, 9.0 m, 60 A
May, 2020 ??Rev. 2 |
|
NVMFS024N06C
|
143Kb / 6P |
MOSFET - Power, Single N-Channel, SO-8 FL 60 V, 22 m, 25 A
December, 2019 ??Rev. 1 |
|
NTD5C632NL
|
236Kb / 7P |
MOSFET ??Single, N-Channel 60 V, 2.5 m, 155 A
May, 2019 ??Rev. 1 |
|
NTMFD5877NL
|
224Kb / 8P |
MOSFET ??Power, Dual, N-Channel, Logic Level, Dual SO8FL 60 V, 39 m, 17 A
May, 2019 ??Rev. 0 |
|
NTTFS3D7N06HL
|
504Kb / 7P |
MOSFET - Single N-Channel 60 V, 3.9 m, 103 A
October, 2020 ??Rev. 2 |