| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Analog Devices |
ADG1236
|
225Kb / 16P |
2 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Dual SPDT Switch
Nov-2004 |
|
ADG1211
|
271Kb / 16P |
1 pF Off Capacitance, 1 pC Charge Injection, 짹15 V/12 V iCMOS??Quad SPST Switches
Nov-2004 |
|
ADG1201
|
293Kb / 16P |
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS SPST in SOT-23
REV. 0 |
|
ADG1219
|
308Kb / 17P |
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS??SPDT in SOT-23
Rev. PrB |
|
ADG1213YRUZ
|
330Kb / 16P |
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B |
|
ADG1204
|
398Kb / 16P |
Low Capacitance, Low Charge Injection, 짹15 V/12 V, 4:1 iCMOS Multiplexer
REV. B |
|
ADG1211
|
330Kb / 16P |
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS Quad SPST Switches
REV. B |
|
ADG1223BRMZ
|
279Kb / 16P |
Low Capacitance, Low Charge Injection, 15 V/12 V iCMOS Dual SPST Switches
REV. A |
|
ADG1236YRUZ
|
288Kb / 16P |
Low Capacitance, Low Charge Injection, 짹15 V/12 V iCMOS?? Dual SPDT Switch
REV. 0 |
 Vishay Siliconix |
DG441LE
|
332Kb / 18P |
16 Ω, Low Charge Injection and Leakage, 12 V / 5 V / 3 V / ± 5 V Quad SPST Switches
07-Mar-16 |