| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Littelfuse |
00970026XP
|
169Kb / 1P |
maxi fuse puller
|
 Tyco Electronics |
2-1437392-3
|
35Kb / 1P |
CONTACT SECTION AND TUBULAR CONTACT ASSY. MIN TERM BLOCK
|
 American Zettler, Inc. |
AZ9731F
|
564Kb / 2P |
30 Amp contact rating (30A Fuse)
|
 List of Unclassifed Man... |
P226500
|
128Kb / 1P |
PROBE BODY W/4MM CONTACT TIP
|
 PHOENIX CONTACT |
1423646
|
60Kb / 2P |
Crimp contact, contact diameter: 1 mm, turned, Socket, contact material: CuZn, contact surface: Ni/Au, connection cross section: 0.34 mm짼 ... 1 mm짼 AWG 22 ... 18
|
|
1705625
|
53Kb / 3P |
Single contact - PV-PTSPL-W/1L
|
 Weidmuller |
1012200000
|
645Kb / 15P |
W-Series, Fuse terminal, Rated cross-section: 6mm짼, Screw connection
October 6, 2021 |
|
1014100000
|
626Kb / 13P |
W-Series, Fuse terminal, Rated cross-section: 6mm짼
September 30, 2021 |
|
1014200000
|
615Kb / 14P |
W-Series, Fuse terminal, Rated cross-section: 6mm짼
October 4, 2021 |
|
7940022563
|
333Kb / 8P |
W-Series, Fuse terminal, Rated cross-section: 4
November 9, 2021 |