| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Infineon Technologies A... |
PTFA240451E
|
197Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FET 45 W, 2420-2480 MHz
Rev. 04, 2008-03-04 |
|
PTFA261301E
|
256Kb / 12P |
Thermally-Enhanced High Power RF LDMOS FETs 130 W, 2.62-2.68 GHz
Rev. 07, 2007-04-04 |
|
PTFA211801E
|
826Kb / 9P |
Thermally-Enhanced High Power RF LDMOS FET
Rev. 07, 2015-03-03 |
|
PXFC212551SC
|
895Kb / 8P |
Thermally-Enhanced High Power RF LDMOS FET
Rev. 03.1, 2015-04-13 |
|
PXFC192207NF
|
1Mb / 9P |
Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2014-11-18 |
|
PTVA104501EH
|
189Kb / 9P |
Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-07-22 |
|
PXFC191507FC
|
818Kb / 8P |
Thermally-Enhanced High Power RF LDMOS FET
Rev. 02, 2014-08-26 |
|
PTFB181702FC
|
1,009Kb / 8P |
Thermally-Enhanced High Power RF LDMOS FET
Rev. 02.1, 2016-06-10 |
|
PTAC260302FC
|
1Mb / 9P |
Thermally-Enhanced High Power RF LDMOS FET
Rev. 04, 2016-06-21 |
|
PTAB182002FC
|
1Mb / 13P |
Thermally-Enhanced High Power RF LDMOS FET
Rev. 04.1, 2016-06-09 |