| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Infineon Technologies A... |
PTFA181001E
|
408Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 02.1, 2009-02-20 |
|
PTFA181001GL
|
325Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 100 W, 1805 ??1880 MHz
Rev. 01, 2008-06-15 |
|
PTFA182001E
|
260Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FET 200 W, 1805 - 1880 MHz
Rev. 01, 2008-03-12 |
|
PXFC193808SV
|
196Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FET 380 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2015-01-13 |
|
PXAC182002FC
|
1Mb / 8P |
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
Rev. 02.3, 2016-06-17 |
|
PXAD184218FV
|
339Kb / 9P |
Thermally-Enhanced High Power RF LDMOS FET 420 W, 28 V, 1805 ??1880 MHz
Rev. 02.1, 2016-12-07 |
 Cree, Inc |
PXAE184408NB
|
1Mb / 6P |
Thermally-Enhanced High Power RF LDMOS FET 450 W, 28 V, 1805 ??1880 MHz
|
|
PXAC182002FC
|
495Kb / 8P |
Thermally-Enhanced High Power RF LDMOS FET 180 W, 28 V, 1805 ??1880 MHz
|
|
PTFB182503FL
|
497Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FET 240 W, 1805 ??1880 MHz
|
|
PXFE181507FC
|
550Kb / 8P |
Thermally-Enhanced High Power RF LDMOS FET 175 W, 28 V, 1805 ??1880 MHz
|