| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Infineon Technologies A... |
PTFA041501E
|
437Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 01.1, 2010-01-20 |
|
PTFA041501GL
|
424Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 150 W, 420 ??500 MHz
Rev. 02, 2008-11-21 |
|
PTFB211501E
|
362Kb / 13P |
Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 02, 2009-11-19 |
|
PTFB191501E
|
295Kb / 15P |
Thermally-Enhanced High Power RF LDMOS FETs 150 W, 1930 ??1990 MHz
Rev. 02, 2009-09-09 |
|
PTF041501E
|
245Kb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs 150 W, 450 - 500 MHz
Rev. 04, 2007-08-01 |
|
PTFA081501E
|
258Kb / 10P |
Thermally-Enhanced High Power RF LDMOS FETs 150 W, 864-900 MHz
Rev. 03, 2007-03-09 |
|
PTFB211503EL
|
734Kb / 14P |
Thermally-Enhanced High Power RF LDMOS FETs 150 W, 2110 ??2170 MHz
Rev. 04, 2011-03-07 |
|
PTFB182503EFL
|
694Kb / 12P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 07.2, 2016-06-10 |
|
PTFA180701EF
|
4Mb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 03.2, 2016-06-21 |
|
PTFA080551EF
|
4Mb / 11P |
Thermally-Enhanced High Power RF LDMOS FETs
Rev. 04.1, 2016-06-16 |