| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Infineon Technologies A... |
PTMA210404FL
|
468Kb / 13P |
Dual Wideband RF LDMOS Power Amplifier 40 W, 1800 ??2200 MHz
Rev. 04, 2009-06-16 |
|
PTMA180402EL
|
443Kb / 11P |
Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2000 MHz
Rev. 08, 2009-08-31 |
|
PTMA210452EL
|
387Kb / 11P |
Wideband RF LDMOS Integrated Power Amplifier 45 W, 1900 ??2200 MHz
Rev. 06, 2009-09-01 |
|
PTMA210152M
|
242Kb / 15P |
Wideband RF LDMOS Integrated Power Amplifier 15 W, 1800 ??2200 MHz
Rev. 04, 2010-04-16 |
|
PTMA080302M
|
204Kb / 11P |
Wideband RF LDMOS Integrated Power Amplifier 30 W, 700 ??1000 MHz
Rev. 04, 2010-04-16 |
|
PTMA080152M
|
197Kb / 11P |
Wideband RF LDMOS Integrated Power Amplifier 15 W, 700 ??1000 MHz
Rev. 04, 2010-04-16 |
|
PTMA080152M
|
350Kb / 11P |
Wideband RF LDMOS Integrated Power Amplifier 30 W, 700-1000 MHz
Rev. 05.1, 2010-11-09 |
|
PTMA180402M
|
494Kb / 14P |
Wideband RF LDMOS Integrated Power Amplifi er 40 W, 28 V, 1800 . 2100 MHz
Rev. 08, 2011-08-10 |
 Cree, Inc |
PTMA180402M
|
1Mb / 15P |
Wideband RF LDMOS Integrated Power Amplifier 40 W, 28 V, 1800 ??2100 MHz
|
|
PTMA210152M
|
1Mb / 15P |
Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 1800 ??2200 MHz
|