| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Infineon Technologies A... |
PTMA210404FL
|
468Kb / 13P |
Dual Wideband RF LDMOS Power Amplifier 40 W, 1800 ??2200 MHz
Rev. 04, 2009-06-16 |
|
PTMA180402EL
|
443Kb / 11P |
Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2000 MHz
Rev. 08, 2009-08-31 |
|
PTMA180402M
|
352Kb / 14P |
Wideband RF LDMOS Integrated Power Amplifier 40 W, 1800 ??2100 MHz
Rev. 07.1, 2011-03-17 |
|
PTMA210152M
|
242Kb / 15P |
Wideband RF LDMOS Integrated Power Amplifier 15 W, 1800 ??2200 MHz
Rev. 04, 2010-04-16 |
|
PTMA080302M
|
204Kb / 11P |
Wideband RF LDMOS Integrated Power Amplifier 30 W, 700 ??1000 MHz
Rev. 04, 2010-04-16 |
|
PTMA080152M
|
197Kb / 11P |
Wideband RF LDMOS Integrated Power Amplifier 15 W, 700 ??1000 MHz
Rev. 04, 2010-04-16 |
|
PTMA080152M
|
350Kb / 11P |
Wideband RF LDMOS Integrated Power Amplifier 30 W, 700-1000 MHz
Rev. 05.1, 2010-11-09 |
 Cree, Inc |
PTMA210152M
|
1Mb / 15P |
Wideband RF LDMOS Integrated Power Amplifier 15 W, 28 V, 1800 ??2200 MHz
|
|
PTMC210124MD
|
593Kb / 10P |
Wideband LDMOS Two-stage Integrated Power Amplifier 12 W, 28 V, 1805 ??2200 MHz
|
|
PTMC210204MD
|
1Mb / 10P |
Wideband LDMOS Two-stage Integrated Power Amplifier 20 W, 28 V, 1805 ??2200 MHz
|