| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 NXP Semiconductors |
PBSS303NX
|
132Kb / 15P |
30 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 01-23 August 2006 |
|
PBSS302PX
|
197Kb / 15P |
20 V, 5.1 A PNP low VCEsat (BISS) transistor
Rev. 02-20 November 2009 |
|
PBSS306NZ
|
194Kb / 14P |
100 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02-11 December 2009 |
|
PBSS305NZ
|
194Kb / 14P |
80 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02-8 December 2009 |
|
PBSS5130PAP
|
253Kb / 17P |
30 V, 1 A PNP/PNP low VCEsat (BISS) transistor
12 December 2012 |
 Nexperia B.V. All right... |
PBSS302PX
|
310Kb / 16P |
20 V, 5.1 A PNP low VCEsat (BISS) transistor
Rev. 02 - 20 November 2009 |
|
PBSS303NX
|
310Kb / 16P |
30 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 20 November 2009 |
|
PBSS303PX
|
310Kb / 16P |
30 V, 5.1 A PNP low VCEsat (BISS) transistor
Rev. 02 - 20 November 2009 |
|
PBSS305NZ
|
308Kb / 15P |
80 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 8 December 2009 |
|
PBSS306NZ
|
308Kb / 15P |
100 V, 5.1 A NPN low VCEsat (BISS) transistor
Rev. 02 - 11 December 2009 |