| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
0674901235
|
141Kb / 3P |
1.27mm (.050") Pitch Serial ATA Header, Standard Type, Surface Mount, Right Angle7 Circuits, with Mylar, 0.38關m (15關") Gold (Au) Plating, Embossed Tape on ReelPackage, Lead-free
|
|
0674903230
|
150Kb / 3P |
1.27mm (.050") Pitch Serial ATA Header, Reverse Type, Surface Mount, Right Angle, 7 Circuits, without Mylar, Gold (Au) Flash Plating, Tape and Reel Package, Lead-free
|
|
0674901231
|
141Kb / 3P |
1.27mm (.050") Pitch Serial ATA Header, Standard Type, Surface Mount, Right Angle,7 Circuits, with Mylar, 0.76關m (30關") Gold (Au) Plating, Embossed Tape on ReelPackage, Lead-free
|
|
0674903231
|
150Kb / 3P |
1.27mm (.050") Pitch Serial ATA Header, Reverse Type, Surface Mount, Right Angle 7 Circuits, without Mylar, 0.76關m (30關") Gold (Au) Plating, Tape and Reel PackageLead-free
|
|
0674921222
|
227Kb / 4P |
1.27mm (.050") Pitch Serial ATA Host Receptacle, Right Angle, SMT, Mating Height6.74mm (.265"), 0.38關m (15關") Gold (Au) Plating, Embossed Tape on Reel Packaging22 Circuits, Lead Free,
|
|
0674903221
|
150Kb / 3P |
1.27mm (.050") Pitch Serial ATA Header, Reverse Type, Surface Mount, Right Angle, 7 Circuits, without Mylar, 0.76關m (30關") Gold (Au) Plating, Tray Package, Lead-free
|
|
0674901225
|
142Kb / 3P |
1.27mm (.050") Pitch Serial ATA Header, Standard Type, Surface Mount, Right Angle7 Circuits, without Mylar, 0.38關m (15關") Gold (Au) Plating, Tray Package, Lead-free
|
|
0674903225
|
146Kb / 3P |
1.27mm (.050") Pitch Serial ATA Header, Reverse Type, Surface Mount, Right Angle, 7Circuits, without Mylar, 0.38關m (15關") Gold (Au) Plating, Tray Package, Lead-free
|
|
0674901221
|
142Kb / 3P |
1.27mm (.050") Pitch Serial ATA Header, Standard Type, Surface Mount, Right Angle,7 Circuits, without Mylar, 0.76關m (30關") Gold (Au) Plating, Tray Package, Lead-free
|
|
0674901241
|
141Kb / 3P |
1.27mm (.050") Pitch Serial ATA Header, Standard Type, Surface Mount, Right Angle7 Circuits, with Mylar, 0.76關m (30關") Gold (Au) Plating, Tube Package, Lead-free
|