| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
0470804002
|
184Kb / 4P |
1.27mm (.050") Pitch Serial ATA Shrouded Signal Plug, Surface Mount, 7 Circuits, with Peg and Locking Latch, Color Black, 0.76關m (30關") Gold (Au) Plating, Lead-free
|
|
0473065002
|
204Kb / 4P |
1.27mm (.050") Pitch Serial ATA High Speed Header, Vertical, Surface Mount, with Locking Latch, 7 Circuits, 0.76關m (30關") Gold (Au) Plating, Metal Post Length 2.65mm (.104")
|
|
0470804001
|
185Kb / 4P |
1.27mm (.050") Pitch Serial ATA Shrouded Signal Plug, Surface Mount, 7 Circuits, with Peg and Locking Latch, Color Black, Gold (Au) Flash, Lead-free
|
|
0470805005
|
184Kb / 4P |
1.27mm (.050") Pitch Serial ATA Shrouded Signal Plug, Surface Mount, 7 Circuits, with Peg and Locking Latch
|
|
0470805001
|
184Kb / 4P |
1.27mm (.050") Pitch Serial ATA Shrouded Signal Plug, Surface Mount, 7 Circuits, with Peg and Locking Latch
|
|
0470804005
|
184Kb / 4P |
1.27mm (.050") Pitch Serial ATA Shrouded Signal Plug, Surface Mount, 7 Circuits, with Peg and Locking Latch
|
|
0470801020
|
183Kb / 4P |
1.27mm (.050") Pitch Serial ATA Shrouded Signal Plug, Surface Mount, 7 Circuits, with Peg and Locking Latch
|
|
0674903221
|
150Kb / 3P |
1.27mm (.050") Pitch Serial ATA Header, Reverse Type, Surface Mount, Right Angle, 7 Circuits, without Mylar, 0.76關m (30關") Gold (Au) Plating, Tray Package, Lead-free
|
|
0674901221
|
142Kb / 3P |
1.27mm (.050") Pitch Serial ATA Header, Standard Type, Surface Mount, Right Angle,7 Circuits, without Mylar, 0.76關m (30關") Gold (Au) Plating, Tray Package, Lead-free
|
|
0784770001
|
353Kb / 6P |
1.27mm (.050") Pitch SAS Plug, Straddle Mount, 0.76關m (30關") Gold (Au) Plating, 22 Circuits, Lead-free
|