| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Winbond |
W86L488
|
1Mb / 45P |
SD/ SDIO/ MMC MEMORY CARD BRIDGE
|
 Molex Electronics Ltd. |
0679130008
|
335Kb / 5P |
2.50mm (.098) Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra LowProfile, Push Push Type
|
|
0679558002
|
343Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Stand OffHeight: 2.0mm (.079"), Standard, Push Push Type, Lead free
|
|
0679138006
|
297Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Push PushType, without Card Lock Pin, Lead free
|
|
0678408001
|
343Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Standard Mount, Stand Off1.80mm (.709"), Footprint A, Type A Cover, Lead Free
|
|
0679558001
|
343Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Stand OffHeight: 2.0mm (.079"), Standard, Push Push Type, Lead free
|
|
0679130007
|
333Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra Low Profile, with integrated shell nails, Lead-Free
|
|
0679138011
|
327Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra Low Profile, Lead free
|
|
0679138003
|
297Kb / 5P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Push Push Type, with Card Lock Pin and Mylar, Lead free
|
|
0679130002
|
303Kb / 4P |
2.50mm (.098") Pitch, SDIO Memory Card Connector, Reverse Mount, Ultra Low Profile, Push Push Type, Lead-Free
|