| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
0473622011
|
322Kb / 6P |
1.27mm (.050") Pitch Combo SATA Cable Connector, Right Angle Type, with Arris on top surface, with bumps, 0.76關m (30關") Gold(Au) Plating, 22 Circuits, LeadFree
|
|
0473622021
|
322Kb / 6P |
1.27mm (.050") Pitch Combo SATA Cable Connector, Right Angle Type, with Arris on bottom surface, with bumps, 0.76關m (30關") Gold(Au) Plating, 22 Circuits, LeadFree
|
|
0473631002
|
386Kb / 7P |
1.27mm (.050") Pitch Combo SAS Cable Connector, Straight Type, with Arris on both surface, 0.38關m (15關") Gold (Au), 22 Circuits, Lead Free
|
|
0473622012
|
322Kb / 6P |
1.27mm (.050") Pitch Combo SATA Cable Connector, Right Angle Type, with Arris on top surface, with bumps, 0.38關m (15關") Gold (Au), 22 Circuits, Lead Free
|
|
0473621021
|
323Kb / 6P |
1.27mm (.050") Pitch Combo SATA Cable Connector, Straight Type, with Arris on bottom surface, with bumps, 0.76關m (30關") Gold(Au) Plating, 22 Circuits, LeadFree
|
|
0473622020
|
322Kb / 6P |
1.27mm (.050") Pitch Combo SATA Cable Connector, Right Angle Type, with Arris on bottom surface, with bumps, Gold(Au) Flash Plating, 22 Circuits, Lead Free
|
|
0473621003
|
321Kb / 6P |
1.27mm (.050") Pitch Combo SATA Cable Connector, Straight Type, with Arris on both surface, without bumps, 0.38關m (15關") Gold (Au), 22 Circuits, Lead Free
|
|
0473621032
|
320Kb / 6P |
1.27mm (.050") Pitch Combo SATA Cable Connector, Straight Type, without Arris, with bumps, 0.38關m (15關") Gold (Au), 22 Circuits, Lead Free
|
|
0473621020
|
323Kb / 6P |
1.27mm (.050") Pitch Combo SATA Cable Connector, Straight Type, with Arris on bottom surface, with bumps, Gold(Au) Flash Plating, 22 Circuits, Lead Free
|
|
0473621012
|
320Kb / 6P |
1.27mm (.050") Pitch Combo SATA Cable Connector, Straight Type, with Arris on top surface, with bumps, 0.38關m (15關") Gold (Au), 22 Circuits, Lead Free
|