| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Molex Electronics Ltd. |
0473001040
|
544Kb / 9P |
1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive
|
|
0476392010
|
157Kb / 3P |
1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk DriveVertical, SMT, 0.10關m (4關") Gold (Au) Plating, with BeveledMetal Pins, Lead-free
|
|
0476500002
|
182Kb / 4P |
1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle for Optical Disk Drives, Vertical, SMT, 0.38關m (15關") Gold (Au) Plating, with Cover, Lead free
|
|
0476281012
|
341Kb / 5P |
1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive,Vertical, Through hole, Bottom Mount, 0.76關m (30關") Gold (Au) Plating, with Beveled Metal Pins, Lead-free
|
|
0473001042
|
544Kb / 9P |
1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive with Fitting Type Soldering Nail, Right Angle, 0.76關m (30關") Gold (Au) Plating, with Pegs
|
|
0473001004
|
544Kb / 9P |
1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drivewith Standard Type Screw, Right Angle, 0.76關m (30關") Gold (Au) Plating, Unplated
|
|
0473004000
|
136Kb / 3P |
1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive, Right Angle, SMT, Gold (Au) Flash Plating, with Pegs, Lead-free
|
|
0483362003
|
175Kb / 4P |
1.00mm (.039"), 1.27mm (.050") Pitch Slimline Serial ATA Receptacle, Right Angle,Reverse SMT with Clip, 0.76關m (30關") Gold (Au) Plating, Mounted Height: 7.60mm (.299"), Lead free
|
|
0473001022
|
545Kb / 9P |
1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive with DIP Standard
|
|
0473004002
|
136Kb / 3P |
1.00mm(.039"), 1.27mm (.050") Pitch Slimline Serial ATA Plug for Optical Disk Drive, Right Angle
|