| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 ON Semiconductor |
NTZD3154N
|
139Kb / 5P |
Small Signal MOSFET 20 V, 540 mA, Dual N?묬hannel
March, 2006 ??Rev. 1 |
|
NTUD3127C
|
119Kb / 8P |
Small Signal MOSFET 20 V, 200 mA / ??80 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 1 |
|
NTUD3169CZ
|
124Kb / 8P |
Small Signal MOSFET 20 V, 220 mA / ??00 mA, Complementary, 1.0 x 1.0 mm SOT??63 Package
August, 2008 ??Rev. 0 |
|
NTZD3152P
|
98Kb / 5P |
Small Signal MOSFET ??0 V, ??30 mA, Dual P?묬hannel with ESD Protection, SOT??63
March, 2010 ??Rev. 2 |
 Leshan Radio Company |
LNTA4001NT1G
|
218Kb / 5P |
Small Signal MOSFET 20 V, 238 mA, Single, N-Channel, Gate ESD Protection
|
 ON Semiconductor |
NTK3142PT1G
|
131Kb / 5P |
Small Signal MOSFET ??0 V, ??80 mA, P?묬hannel with ESD Protection, SOT??23
November, 2009 ??Rev. 2 |
 Leshan Radio Company |
LNTK3043NT5G
|
169Kb / 5P |
20 V, 285 mA, N?묬hannel with ESD Protection, SOT??23
|
|
LNTK3043PT5G
|
235Kb / 5P |
20 V, 285 mA, P?묬hannel with ESD Protection, SOT??23
|
 First Silicon Co., Ltd |
FTK3043P
|
318Kb / 5P |
20 V, 285 mA, P?묬hannel with ESD Protection, SOT??23
|
|
FTK4001E
|
320Kb / 5P |
Small Signal MOSFET 20 V, 238 mA, Single, N-Channel, Gate ESD Protection
|