| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Maxim Integrated Produc... |
MAX1574
|
214Kb / 9P |
180mA, 1x/2x, White LED Charge Pump in 3mm x 3mm TDFN
19-3117; Rev 0; 12/03 |
|
MAX8630Y
|
249Kb / 12P |
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 1; 2/07 |
|
MAX8647
|
265Kb / 15P |
Ultra-Efficient Charge Pumps for Six White/RGB LEDs in 3mm x 3mm Thin QFN
Rev 0; 4/07 |
|
MAX8630W
|
242Kb / 12P |
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07 |
 Exar Corporation |
SP7682
|
512Kb / 19P |
Backlight and Flash Driver in QFN 3mm x 3mm
|
 Maxim Integrated Produc... |
MAX8647_0709
|
265Kb / 15P |
Ultra-Efficient Charge Pumps for Six White/RGB LEDs in 3mm x 3mm Thin QFN
Rev 1; 9/07 |
|
MAX8822
|
251Kb / 15P |
Ultra-Efficient Negative Charge-Pump LED Driver with Dual LDOs in 3mm x 3mm Thin QFN
Rev 0; 11/07 |
|
MAX8847Y
|
1Mb / 13P |
High-Performance Negative Charge Pump for 6 White LEDs in 3mm x 3mm Thin QFN
19-5196; Rev 0; 4/10 |
|
MAX8630
|
248Kb / 12P |
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 5/07 |
|
MAX8608Y
|
400Kb / 11P |
125mA 1x/1.5x Charge Pumps for 5 White LEDs in 3mm x 3mm TDFN
Rev 0; 10/05 |