| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Analog Devices |
AD420
|
144Kb / 11P |
Serial Input 16-Bit 4 mA-20 mA, 0 mA-20 mA DAC
REV.F |
 Agilent(Hewlett-Packard... |
HCPL-4100
|
220Kb / 12P |
Optically Coupled 20 mA Optically Coupled 20 mA
|
 Analog Devices |
AD421BNZ
|
173Kb / 14P |
Loop-Powered 4 mA to 20 mA DAC
REV. C |
|
AD421BRZRL
|
173Kb / 14P |
Loop-Powered 4 mA to 20 mA DAC
REV. C |
|
AD421
|
173Kb / 14P |
Loop-Powered 4 mA to 20 mA DAC
REV. C |
 PHOENIX CONTACT |
2742748
|
201Kb / 6P |
Inline analog input terminal, without accessories, 8 inputs, 0-20 mA, 4-20 mA, 0-40 mA, 짹20 mA, 짹40 mA, 2 and 3-wire connection method
|
 WAGO Kontakttechnik Gmb... |
753-554
|
577Kb / 12P |
2-channel analog output; 4 ??20 mA
|
|
750-554
|
550Kb / 12P |
2-channel analog output; 4 ??20 mA
|
|
750-552
|
525Kb / 12P |
2-channel analog output; 0 ??20 mA
|
|
753-552
|
570Kb / 12P |
2-channel analog output; 0 ??20 mA
|