| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Maxim Integrated Produc... |
21-0056C
|
17Kb / 1P |
PACKAGE OUTLINE, SSOP, 5.3 MM
Rev C |
 Pomona Electronics |
5972
|
54Kb / 2P |
24 Lead SSOP Test Clip 0.65 mm Lead Pitch
|
 Vishay Siliconix |
BFC280811229
|
111Kb / 5P |
Ø 7.5 mm Film Dielectric Trimmers
20-Jun-13 |
 Bourns Electronic Solut... |
2036-07-AFLF
|
531Kb / 3P |
Balanced Mini-TRIGARD 5 mm diameter, 7.5 mm long
|
 3M Electronics |
N7E50-7516PK-20
|
663Kb / 6P |
Single row solder tails with 0.635 mm spacing
13-Sep-2007 |
 Samtec, Inc |
QFSS
|
278Kb / 7P |
QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
|
|
QMSS
|
278Kb / 7P |
QMSS/QFSS High Speed Shielded Terminal 0.635 mm pitch
|
 Lumberg |
3690
|
332Kb / 4P |
RAST 7.5 Power connectors, pitch 7.5 mm
|
|
3695
|
193Kb / 3P |
RAST 7.5 Power connectors, pitch 7.5 mm
|
 Samtec, Inc |
ISS1-XX-L
|
121Kb / 1P |
1.00 MM PITCH S1SX BODY
10/30/201 |