| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Sipex Corporation |
SPX3819
|
209Kb / 12P |
500 mA, Low-Noise LDO Voltage Regulator
|
|
SPX5205
|
181Kb / 9P |
150 mA, Low-Noise LDO Voltage Regulator
|
 ON Semiconductor |
NCV4276
|
198Kb / 23P |
400 mA Low?묭rop Voltage Regulator
October, 2006 ??Rev. 18 |
|
NCV4276B
|
142Kb / 12P |
400 mA Low-Drop Voltage Regulator
June, 2010 ??Rev. 0 |
|
NCV4276BDS50R4G
|
205Kb / 18P |
400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5 |
|
NCV4276BDT50RKG
|
205Kb / 18P |
400 mA Low?륞rop Voltage Regulator
February, 2013 ??Rev. 5 |
|
NCV4276
|
182Kb / 25P |
400 mA Low-Drop Voltage Regulator
June, 2011 ??Rev. 24 |
|
NCV4274C
|
125Kb / 13P |
400 mA Low Dropout Voltage Regulator
May, 2015 ??Rev. 1 |
|
NCV4276C
|
164Kb / 16P |
400 mA Low-Drop Voltage Regulator
January, 2014 ??Rev. 0 |
|
NCV4276B
|
146Kb / 18P |
400 mA Low?륞rop Voltage Regulator
August, 2014 ??Rev. 6 |