| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 Pasternack Enterprises,... |
PE9452
|
242Kb / 2P |
Precision 2.4mm Male to 2.4mm Female Adapter
|
|
PE9453
|
238Kb / 3P |
Precision 2.4mm Female to 2.4mm Female Adapter
|
|
PE9640
|
248Kb / 3P |
Precision Bulkhead 2.4mm Female to 2.4mm Female Adapter
|
 List of Unclassifed Man... |
5017CCSF
|
88Kb / 1P |
SMA FEMALE TO 2.4MM FEMALE ADAPTER
|
 Pasternack Enterprises,... |
PE91145
|
359Kb / 3P |
Ruggedized 2.4mm NMD Female to 2.4mm Female Adapter
|
|
PE91291
|
338Kb / 3P |
3.5mm Female to 2.4mm Female Adapter
|
|
PE91295
|
340Kb / 3P |
2.92mm Female to 2.4mm Female Adapter
|
 Amphenol Corporation |
SF1116-6070
|
95Kb / 1P |
2.4mm FEMALE TO SMPM FEMALE ADAPTER
|
|
SF1116-6083
|
109Kb / 1P |
2.4mm FEMALE TO FEMALE BULKHEAD ADAPTER
|
 Amphenol SV Microwave |
1116-6097
|
294Kb / 1P |
2.4mm FEMALE TO 2.4mm FEMALE 2 HOLE FLANGE ADAPTER
04/21 |