| nhà sản xuất | tên linh kiện | bảng dữ liệu | Giải thích chi tiết về linh kiện |
 PHOENIX CONTACT |
2987309
|
102Kb / 5P |
Relay Module - PLC-2RSC-24DC/ 1
|
 WAGO Kontakttechnik Gmb... |
2042-3074
|
405Kb / 7P |
Relay module; Nominal input voltage: 24 VDC; 3 break contacts and 1 make
|
 Weidmuller |
1122750000
|
1Mb / 14P |
TERMSERIES, Relay module, Number of contacts:1, CO contact AgNi
October 4, 2021 |
|
1122780000
|
1Mb / 13P |
TERMSERIES, Relay module, Number of contacts:1, CO contact AgNi
October 6, 2021 |
|
1122830000
|
1Mb / 13P |
TERMSERIES, Relay module, Number of contacts:1, CO contact AgNi
October 6, 2021 |
|
1122850000
|
1Mb / 13P |
TERMSERIES, Relay module, Number of contacts: 1, CO contact AgNi
October 4, 2021 |
|
1122880000
|
1Mb / 13P |
TERMSERIES, Relay module, Number of contacts: 1, CO contact AgNi
October 2, 2021 |
|
1122920000
|
1Mb / 12P |
TERMSERIES, Relay module, Number of contacts: 1, CO contact AgNi
September 30, 2021 |
|
7760056350
|
828Kb / 9P |
D-SERIES DRI, Relay socket, Number of contacts:1, CO contact
October 18, 2021 |
|
1122770000
|
428Kb / 5P |
TERMSERIES relay module 1 CO, complete modules consisting of a relay and a base with AC/DC/UC coils, available in different versions
May 7, 2014 |